PART |
Description |
Maker |
UP03312 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
SF5GZ47 SF5JZ47 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISITOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
2SD0965 2SD965 |
Silicon NPN epitaxial planar type Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires
|
Panasonic Semiconductor
|
UNR32A0 |
Silicon NPN epitaxial planar type 80 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
MA3XD21 |
Small-signal device - Diodes - Schottky Barrier Diodes(SBD) Silicon epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
2SA2077 |
Silicon PNP epitaxial planar type(Complementary to 2SC5845) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
MA27V03 |
Small-signal device - Diodes - variable Capacitance Diodes Silicon epitaxial planar type From old datasheet system
|
Panasonic Semiconductor
|
USF5J48 SF5G48 SF5J48 USF5G48 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
USF3J48 SF3G48 SF3J48 USF3G48 |
THYRISTOR SILICON PLANAR TYPE 硅平面型晶闸 THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
|